Part Number Hot Search : 
AP1122YA A222R R1122 NJM23 13003BC LQ801 29F800 P15N100C
Product Description
Full Text Search
 

To Download H7905 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HI-SINCERITY
MICROELECTRONICS CORP.
Spec. No. : HE200111 Issued Date : 1998.07.01 Revised Date : 2001.12.17 Page No. : 1/4
H7905AE H7905BE
3-TERMINAL NEGATIVE VOLTAGE REGULATOR
Description
TO-220 The H7905_E series of three-terminal negative regulators are available in the TO-220AB package. They can provide local on-card regulation, eliminating the distribution problems associated with single point regulation; furthermore, having the same voltage options as the H7905_E positive standard series, they are particularly suited for split power supplies. If adequate heat sinking is provided, the H7905_E series can deliver an output current in excess of 1A although designed primarily as fixed voltage regulators, these devices can be used with external components to obtain adjustable voltage and currents.
Absolute Maximum Ratings (Ta=25C)
* Input Voltage...................................................................................................................... -35 V * Total Power Dissipation..................................................................................... Internally limited * Operating Junction Temperature........................................................................ 0 C to +125 C * Maximum Junction Temperature...................................................................................... 125 C * Storage Temperature Range........................................................................... -55 C to +150 C * Lead Temperature (Soldering 10S).................................................................................. 230 C Typical Application Schematic Diagram
1.4k
GND
Vin
2
H7905_E
1
3
Vout
4K 7K 5K
15K
C1
C2
3K 10K
Vout
6.2V
Note:
By pass Capacitors are recommended for optimum stability and transient response and should be locate as close as possible to the regulator.
750 Vin 1K 6K 20K 20K
20pF
10pF
600
15K
20K
20K
5K
150 0.2
H7905AE, H7905BE
HSMC Product Specification
HI-SINCERITY
MICROELECTRONICS CORP.
Electrical Characteristics
Spec. No. : HE200111 Issued Date : 1998.07.01 Revised Date : 2001.12.17 Page No. : 2/4
Vin=-10V, Io=500mA, Cin=2.2uF, Cout=1uF, 0CTj125C (unless otherwise noted)
Symbol Vo Vo Vo IQ IQ Vo / T Vn RR VD Isc Ipk Symbol Vo Vo Vo IQ IQ Vo / T Vn RR VD Isc Ipk
Parameter Output Voltage Line Regulation Load Regulation Quiescent Current Quiescent Current Change Output Voltage Drift Output Noise Voltage Ripple Rejection Dropout Voltage Short Circuit Current Peak Output Current Parameter Output Voltage Line Regulation Load Regulation Quiescent Current Quiescent Current Change Output Voltage Drift Output Noise Voltage Ripple Rejection Dropout Voltage Short Circuit Current Peak Output Current
Conditions Tj=25C PD15W, 5mAIo1A Vi=-8V to -20V Tj=25C, -7VVin-25V Tj=25C, -8VVin12V 5mAIo1.5A 250mAIo750mA Io1A, Tj=25C 5mAIo1A -8VVin-25V Io=5mA Ta=25C, 10Hz to 100KHz Vi=10V, f=120Hz Tj=25C, Io=1A Tj=25C, Vi=-35V Tj=25C Conditions Tj=25C PD15W, 5mAIo1A Vi=-8V to -20V Tj=25C, -7VVin-25V Tj=25C, -8VVin12V 5mAIo1.5A 250mAIo750mA Io1A, Tj=25C 5mAIo1A -8VVin-25V Io=5mA Ta=25C, 10Hz to 100KHz Vi=10V, f=120Hz Tj=25C, Io=1A Tj=25C, Vi=-35V Tj=25C
H7905AE Min Typ Max -4.9 -5 -5.1 -4.85 54 1.3 -5 3 -0.4 100 68 2 2.2 2.2 -5.15 50 25 100 50 8 0.5 1.3 -
Units V mV mV mA mA mV/C uV dB V A A Units V mV mV mA mA mV/C uV dB V A A
H7905BE Min Typ Max -4.8 -5 -5.2 -4.75 54 1.3 -5 10 5 3 -0.4 100 68 2 2.2 2.2 -5.25 100 50 100 50 8 0.5 1.3 -
H7905AE, H7905BE
HSMC Product Specification
HI-SINCERITY
MICROELECTRONICS CORP.
Characteristics Curve
Average Case Power Dissipation as A Function of Ambient Temperauture
100 2.5
Spec. No. : HE200111 Issued Date : 1998.07.01 Revised Date : 2001.12.17 Page No. : 3/4
Peak Output Current as A Function of InputOutput Differentail Voltage
2
Power Dissipation
Output Current
10
1.5
1
1
0.5
0.1 25 50 75 100 125 150
0 0 3 6 9 12 15 18 21 24 27 30
Ambient Temperature (C)
Input-Output Voltage Differential
Ripple Rejection as A Function of Frequency
100 80 80
Ripple Rejection as A Function of Output Voltage
Ripple Rejection (dB)
60
Ripple Rejection (dB)
70
60
40
20
50
0 10 100 1000 10000 100000
40 2 4 6 8 10 12 14 16 18 20 22
Frequency
Output Voltage
Output Voltage as A Function of Junction Temperature
6.26
6.22
Output Voltage (Volts)
6.18
6.14
6.1
6.06 -25 0 25 50 75 100 125 175
Junction Temperature (C)
H7905AE, H7905BE
HSMC Product Specification
HI-SINCERITY
MICROELECTRONICS CORP.
TO-220AB Dimension
Marking:
A D B E C
Date Code
Spec. No. : HE200111 Issued Date : 1998.07.01 Revised Date : 2001.12.17 Page No. : 4/4
H E 7905 Rank Control Code
H I G 4 P M 3 2 1 N K
Style: Pin 1.Vin 2.Ground 3.Vout 4.Ground
O
3-Lead TO-220AB Plastic Package HSMC Package Code: E *: Typical
DIM A B C D E G H
Inches Min. Max. 0.2197 0.2949 0.3299 0.3504 0.1732 0.185 0.0453 0.0547 0.0138 0.0236 0.3803 0.4047 *0.6398
Millimeters Min. Max. 5.58 7.49 8.38 8.90 4.40 4.70 1.15 1.39 0.35 0.60 9.66 10.28 *16.25
DIM I K M N O P
Inches Min. Max. *0.1508 0.0295 0.0374 0.0449 0.0551 *0.1000 0.5000 0.5618 0.5701 0.6248
Millimeters Min. Max. *3.83 0.75 0.95 1.14 1.40 *2.54 12.70 14.27 14.48 15.87
Notes: 1.Dimension and tolerance based on our Spec. dated Sep. 07,1997.
2.Controlling dimension: millimeters. 3.Maximum lead thickness includes lead finish thickness, and minimum lead thickness is the minimum thickness of base material. 4.If there is any question with packing specification or packing method, please contact your local HSMC sales office.
Material:
* Lead: 42 Alloy ; solder plating * Mold Compound: Epoxy resin family, flammability solid burning class: UL94V-0
Important Notice:
* All rights are reserved. Reproduction in whole or in part is prohibited without the prior written approval of HSMC. * HSMC reserves the right to make changes to its products without notice. * HSMC semiconductor products are not warranted to be suitable for use in Life-Support Applications, or systems. * HSMC assumes no liability for any consequence of customer product design, infringement of patents, or application assistance.
Head Office And Factory:
* Head Office (Hi-Sincerity Microelectronics Corp.): 10F.,No. 61, Sec. 2, Chung-Shan N. Rd. Taipei Taiwan R.O.C. Tel: 886-2-25212056 Fax: 886-2-25632712, 25368454 * Factory 1: No. 38, Kuang Fu S. Rd., Fu-Kou Hsin-Chu Industrial Park Hsin-Chu Taiwan. R.O.C Tel: 886-3-5983621~5 Fax: 886-3-5982931
H7905AE, H7905BE
HSMC Product Specification


▲Up To Search▲   

 
Price & Availability of H7905

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X